Part Number Hot Search : 
LV5747TT D1403 E005113 060CT PC2366 MM3ZB18 D9321 1N4448W
Product Description
Full Text Search
 

To Download CZR1-04LEADFREE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description: the central semiconductor czr1-04 type is a silicon general purpose rectifier designed for applications requiring high voltage capability. marking: full part number czr1-04 surface mount high voltage silicon rectifier sot-223 case central semiconductor corp. tm r4 (25-august 2008) maximum ratings: (t a =25c) symbol units reverse voltage v r 400 v peak reverse voltage v rm 400 v average forward current i o 1.0 a peak forward surge current, t=10ms i fsm 10 a operating and storage junction temperature t j , t stg -65 to +150 c power dissipation p d 2.0 w thermal resistance ja 62.5 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min typ max units i r v r =400v 1.0 a i r v r =400v, t a =150c 50 a bv r i r =100a 400 v v f i f =1.0a 1.2 v v f i f =2.0a 1.5 v t rr i f =200ma, i r =200ma, i rr =20ma 1.0 s c j v r =0v, f=1.0mhz 26 pf
lead code: 1) anode 2) cathode 3) no connection 4) cathode central semiconductor corp. tm sot-223 case - mechanical outline czr1-04 surface mount high voltage silicon rectifier r4 (25-august 2008) marking: full part number pin 2 and pin 4 are common.


▲Up To Search▲   

 
Price & Availability of CZR1-04LEADFREE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X